PART |
Description |
Maker |
MAX3450E08 MAX3450EEUD MAX3451EEUD MAX3452EEUD MAX |
隆戮15kV ESD-Protected USB Transceivers 卤15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers LINE TRANSCEIVER, PDSO14
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
ADM3307EARU-REEL ADM3307EACP ADM3307EACP-REEL ADM3 |
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle??/a> 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?/a> 15 kV ESD Protected/ 2.7 V to 3.6 V Serial Port Transceivers with Green Idle 15 kV ESD Protected/ 2.7 V to 3.6 V Serial Port Transceiver with Green Idle 10-825810-AAP 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle 15 kV的ESD保护.7 V.6 V绿色串口收发器闲置⑩ 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle TRIPLE LINE TRANSCEIVER, PDSO28 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle TRIPLE LINE TRANSCEIVER, QCC32 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle??/span>
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX3244E MAX3226E MAX3224E MAX3224ECAP MAX3224ECPP |
卤15kV ESD-Protected, 1µA, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus 15kV ESD-Protected 1A 1Mbps 3.0V to 5.5V RS-232 Transceivers with AutoShutdown Plus 15kV ESD-Protected, 1A, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus 【15kV ESD-Protected, 1レA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus 【15KV ESD-PROTECTED, 1ヌA, 1MBPS, 3.0V TO 5.5V, RS-232 TRANSCEIVERS WITH AUTOSHUTDOWN PLUS -15kV ESD-protected, 1microA, 1Mbps, 3.0V to 5.5V, RS-232 transceiver with autoshutdown plus.
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX3000E MAX3002EUP MAX3001EAUP MAX3003EUP MAX3001 |
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ??5kV ESD-Protected, 0.1??, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 5kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators SPECIALTY INTERFACE CIRCUIT, PDSO20 CLAMP 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
MAX3441EASA MAX3443EASA MAX3443EAPA MAX3440EAPA MA |
5kV ESD-Protected, 0V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers LINE TRANSCEIVER, PDIP8 ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MAX3355EEUD MAX3355EEBC-T MAX3355E MAX3355EEBCT MA |
±15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP /-15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA12 5kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP ±15kV ESD保护、USB On-the-Go电荷泵与比较器,UCSP封装 ±15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CA82C37A-8ED CA82C37A-5ED CA82C37A-10CD CA82C37A-1 |
/- 15 kV ESD protected 5 V RS-232 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver DMA Controller 5 V powered multi-channel RS-232 drivers and receivers DMA控制
|
Linear Technology, Corp.
|
MAX13442E-11 MAX13443E |
±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
ADM3311 ADM3311E ADM3311EARS-REEL25 ADM3311EARU-RE |
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?/a> 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle⑩ 15 kV ESD Protected. 2.7 V to 3.6 V Serial Port Transceiver with Green Idle JFET; Breakdown Voltage, V(br)gss:40V; Zero Gate Voltage Drain Current Min, Idss:-4mA; Zero Gate Voltage Drain Current Max, Idss:-16mA; Gate-Source Cutoff Voltage Max, Vgs(off):9V; Continuous Drain Current, Id:-16mA RoHS Compliant: No 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle 15 kV的ESD保护.7 V.6 V绿色串口收发闲置
|
AD[Analog Devices] Analog Devices, Inc.
|
ST207E ST207EB ST207EBD ST207EBDR ST207EBPR ST207E |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 【 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER ± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MAX487 MAX487E MAX487ECPA MAX487ECSA MAX487EEPA MA |
??5kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers Low-Power / Slew-Rate-Limited RS-485/RS-422 Transceivers 3.3/5-V RS-485 Transceiver 8-SOIC -40 to 85 15kV ESD-Protected / Slew-Rate-Limited / Low-Power / RS-485/RS-422 Transceivers 【15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers From old datasheet system " ?à15kV ESD-Protected, Slew-Rate Limited, Low-Power, RS-485/RS-422 Transceivers" ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers ±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers 卤15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers ±15kV ESD-Protected, Slew-Rate Limited, Low-Power, RS-485/RS-422 Transceivers
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm http:// MAXIM - Dallas Semiconductor
|
5962-9159302MZX 5962-9159301MZX 5962-9159305MKX 59 |
x4 SRAM ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters x4的SRAM ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers x4的SRAM
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd.
|